Part Number Hot Search : 
DSP16 ADP3290 MMSZ27 XXXFSL 2SC5004 CGA10345 CPC1117 08500109
Product Description
Full Text Search
 

To Download CDBF0540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Schottky Barrier Diode
COMCHIP
SMD Diodes Specialist
CDBF0540
IO = 500 mA VR = 40 Volt s Features
Low forward Voltage
(Lead-free Device)
Designed for mounting on small surface. Extremely thin/leadless package. Majority carrier conduction.
1005(2512)
0.102(2.60) 0.095(2.40)
Mechanical data
Case: SOD-323F (2512) Standard package , molded plastic.
0.051(1.30) 0.043(1.10)
0.035(0.90)
Terminals: Gold plated, solderable per MIL-STD-750, method 2026. Polarity: Indicated by cathode band. Mounting position: Any. Weight: 0.006 gram (approximately).
0.027(0.70)
0.021(0.55) Typ.
0.012 (0.30) Typ.
0.039(1.00) Typ.
Dimensions in inches and (millimeter)
Maximum Rating ( at T A = 25 C unless otherwise noted )
Parameter
Repetitive peak reverse voltage Reverse voltage Average forward rectified current Forward current , surge peak Storage temperature Junction temperature 8.3 ms single half sine-wave superimposed on rate load ( JEDEC method )
Conditions
Symbol Min Typ Max Unit
VRRM VR Io IFSM TSTG Tj -40 -40 40 40 500 5.5 +125 +125 V V mA A C C
Electrical Characteristics ( at T A = 25 C unless otherwise noted )
Parameter
Forward voltage IF = 0.5 A IF = 1 A IF = 0.5 A IF = 1 A VR = 20 V VR = 40 V VR = 20 V VR = 40 V
Conditions
@Ta=25 @Ta=25 @Ta=100 @Ta=100 @ Ta= 25 @ Ta= 25 @Ta=100 @Ta=100 C C C C C C C C
Symbol Min Typ Max Unit
VF VF VF VF IR IR IR IR CT Trr 22 0.51 0.64 0.46 0.62 10 20 2 5 170 V V V V uA uA mA mA pF ns
Reverse current
Capacitance between terminals f = 1MHz, and 0 VDC reverse voltage Reverse recovery time IF=IR=10mA,Irr= 0.1 X IR,RL=100 ohm
REV:A
QW-A1040
Page 1
SMD Schottky Barrier Diode
RATING AND CHARACTERISTIC CURVES (CDBF0540)
Fig. 1 - Forward characteristics
1000
COMCHIP
SMD Diodes Specialist
Fig. 2 - Reverse characteristics
10m
125 C
1m
Forward current (mA )
Reverse current ( A )
100
100u 10u
75 C
10
25 C
1
1u 100n 10n
-25 C
0.1
0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
1n 0 10 20 30 40
Forward voltage (V)
Reverse voltage (V)
Fig. 3 - Capacitance between terminals characteristics
Capacitance between terminals(pF)
120
Fig. 4 - Current derating curve
120
Average forward current ( % )
f=1MHz Ta = 25 C
100
100
80
80
60
60
40
40
20
20
0 0 5 10 15 20
0
0
25
50
75
100
125
150
Reverse voltage (V)
Ambient temperature ( C )
REV:A
QW-A1040
Page 2


▲Up To Search▲   

 
Price & Availability of CDBF0540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X